Part Number Hot Search : 
BPR58C DE347E SMAJ5928 SFU450 T88SC UC3637Q D150M V16X1
Product Description
Full Text Search
 

To Download 1N5408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400 thru 1N5408
1N5404 and 1N5406 are Preferred Devices
Axial-Lead Standard Recovery Rectifiers
Lead mounted standard recovery rectifiers are designed for use in power supplies and other applications having need of a device with the following features:
http://onsemi.com Features
* * * * * * *
High Current to Small Size High Surge Current Capability Low Forward Voltage Drop Void-Free Economical Plastic Package Available in Volume Quantities Plastic Meets UL 94 V-0 for Flammability These devices are manufactured with a Pb-Free external lead finish only*
STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERES
Mechanical Characteristics
* Case: Epoxy, Molded * Weight: 1.1 gram (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * Lead and Mounting Surface Temperature for Soldering Purposes: *
220C Max. for 10 Seconds, 1/16 from case Polarity: Cathode Indicated by Polarity Band Leads are Readily Solderable
AXIAL LEAD CASE 267-05 STYLE 1
MARKING DIAGRAM
AL 1N 540x YYWW
AL = Assembly Location 1N540x = Device Number x = 0, 1, 2, 4, 6, 7 or 8 YY = Year WW = Work Week
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.
Preferred devices are recommended choices for future use and best overall value.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2004
1
December, 2004 - Rev. 6
Publication Order Number: 1N5400/D
1N5400 thru 1N5408
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Non-repetitive Peak Reverse Voltage Average Rectified Forward Current (Single Phase Resistive Load, 1/2 in. Leads, TL = 105C) Non-repetitive Peak Surge Current (Surge Applied at Rated Load Conditions) Operating and Storage Junction Temperature Range Symbol VRRM VRWM VR VRSM IO 1N5400 50 1N5401 100 1N5402 200 1N5404 400 1N5406 600 1N5407 800 1N5408 1000 Unit V
100
200
300
525 3.0
800
1000
1200
V A
IFSM
200 (one cycle)
A
TJ Tstg
- 65 to +170 - 65 to +175
C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Ambient (PC Board Mount, 1/2 in. Leads) Symbol RqJA Typ 53 Unit C/W
ELECTRICAL CHARACTERISTICS
Characteristic Forward Voltage (IF = 3.0 Amp, TA = 25C) Reverse Current (Rated DC Voltage) TA = 25C TA = 150C Ratings at 25C ambient temperature unless otherwise specified. 60 Hz resistive or inductive loads. For capacitive load, derate current by 20%. Symbol vF IR - - - - 10 100 Min - Typ - Max 1.0 Unit V mA
ORDERING INFORMATION
Device 1N5400 1N5400RL 1N5401 1N5401RL 1N5402 1N5402RL 1N5404 1N5404RL 1N5406 1N5406RL 1N5407 1N5407RL 1N5408 1N5408RL Package Axial Lead Axial Lead Axial Lead Axial Lead Axial Lead Axial Lead Axial Lead Axial Lead Axial Lead Axial Lead Axial Lead Axial Lead Axial Lead Axial Lead Shipping 500 Units/Box 1200/Tape & Reel 500 Units/Box 1200/Tape & Reel 500 Units/Box 1200/Tape & Reel 500 Units/Box 1200/Tape & Reel 500 Units/Box 1200/Tape & Reel 500 Units/Box 1200/Tape & Reel 500 Units/Box 1200/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
1N5400 thru 1N5408
NOTE 1 -- AMBIENT MOUNTING DATA
Data shown for thermal resistance junction-to-ambient (RqJA) for the mountings shown is to be used as typical guideline values for preliminary engineering or in case the tie point temperature cannot be measured.
TYPICAL VALUES FOR RqJA IN STILL AIR Mounting Method 1 2 3 Lead Length, L (IN) 1/8 1/4 1/2 3/4 51 53 50 55 59 61 58 63 28 RqJA C/W C/W C/W
MOUNTING METHOD 1 P.C. Board Where Available Copper Surface area is small
L L
MOUNTING METHOD 3 P.C. Board with 1-1/2" x 1-1/2" Copper Surface L = 1/2"
EEEEEEEE E E E E E EEEEEEEEE
MOUNTING METHOD 2 Vector Push-In Terminals T-28
L L
Board Ground Plane
http://onsemi.com
3
1N5400 thru 1N5408
IFSM, PEAK HALF WAVE CURRENT (AMPS) 200 TJ = 25C 100 70 iF, INSTANTANEOUS FORWARD CURRENT (AMPS) TYPICAL 50 400 300 200 1 CYCLE 100 90 80 70 60 50 40 Surge Applied at Rated Load Conditions f = 60Hz
30 20
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
10 7.0 5.0 3.0 2.0 8.0
NUMBER OF CYCLES
Figure 2. Maximum Nonrepetitive Surge Current
L = 1/32" 7.0 6.0
Resistive Load Both Leads to Heat Sink with Lengths as Shown
1.0 0.7 0.5
5.0 4.0 3.0 2.0
1/4"
1/2"
0.3 0.2 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2
1.0 0 40 60 80 100 120 140 160 180
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TL, LEAD TEMPERATURE (C)
Figure 1. Forward Voltage
4.0
Figure 3. Current Derating Various Lead Lengths
RqJA = 28C/W 3.5 3.0 2.5 2.0 1.5 1.0 0.5 Note for Resistive Load 0 40 60 80 RqJA = 50C/W
I(PK) I(AV) 5.0 10 20
=
Capacitive Loads
I(PK) I(AV)
= 120 140 160 180
100
TA, AMBIENT TEMPERATURE (C)
Figure 4. Current Derating PC Board Mounting
http://onsemi.com
4
1N5400 thru 1N5408
PACKAGE DIMENSIONS
AXIAL LEAD CASE 267-05 ISSUE G
K D
1
A
2
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B D K INCHES MIN MAX 0.287 0.374 0.189 0.209 0.047 0.051 1.000 --- MILLIMETERS MIN MAX 7.30 9.50 4.80 5.30 1.20 1.30 25.40 ---
B
K
STYLE 1: PIN 1. CATHODE (POLARITY BAND) 2. ANODE
http://onsemi.com
5
1N5400 thru 1N5408
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
1N5400/D


▲Up To Search▲   

 
Price & Availability of 1N5408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X